PART |
Description |
Maker |
FTR-B2NA4.5Z FTR-B2 FTR-B2MA012Z FTR-B2MA4.5Z FTR- |
4 POLE (2 FORM C 2 FORM A) SIGNAL RELAY FOR CENTRAL SWITCHING/ DATA TRANSMISSION
|
Fujitsu Limited Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited] Fujitsu Component Limited.
|
AD4C111 |
Dual 1 Form ADual 1 Form A Solid State Relay
|
SSOUSA[Solid State Optronic]
|
AP150XA57 AP150XB57 AP150XC57 AP150PA57 AP150PB57 |
KILOVAC AP150X (FORM X, Electrically Held) and AP150P (Form P,Latching) 150 Amps KILOVAC AP150X (FORM X, Electrically Held) and AP150P (Form P,Latching) 150 Amps
|
Tyco Electronics
|
0-1721956-6 0-1721150-5 0-1721150-2 0-1721150-8 0- |
Compact relay with 1 Form A and 1 Form C contact arrangement
|
TE Connectivity Ltd
|
EBD26UC6AKSA-E EBD26UC6AKSA-6B-E EBD26UC6AKSA-7A-E |
Single Pole Normally Open: 1-Form-A, 400V Single Pole Normally Open: 1-Form-A, 600V 256MB DDR SDRAM SO-DIMM (32M words x 64 bits, 2 Ranks)
|
Elpida Memory, Inc. ELPIDA[Elpida Memory]
|
125GBIT/SSC1X93.3AMP5V FC10625GBDSC1X933V |
Transceivers by Form-factor MSA - Product Type Transceivers by Form-factor MSA - Multimode 850nm VCSEL TRX
|
Infineon
|
2-1419136-2 RMC05060 |
Power Relay RM C/D 1 pole 30/32 A, 1 form X, double make, NO or 1 form Z, double make double break, NO NC
|
Tyco Electronics List of Unclassifed Manufacturers
|
PSCIA3CHP PSCIA1CHP PSCIA2CHP |
400V 2 Form A Photo Voltaic Relay in a 8-pin DIP Package; A PVT422 with Standard Packaging 250V 1 Form A Photo Voltaic Relay in a 6-pin DIP Package; Similar to PVT312L with lead free packaging. 300V 1 Form A Photo Voltaic Relay in a mod. 8-pin DIP Package; Similar to PVA3324N with Lead Free Packaging 晶体管|场效应| P通道| 15mA的我(直)|芯片
|
Bourns, Inc.
|
01-1392-G8717 03-1392-G8726 03-1392-G8725 01-1392- |
DICHTUNG D FORM 12.7X9.5MM 10M DICHTUNG RECHTWINKLIG 12.7X6.4MM 10M DICHTUNG RECHTWINKLIG 6.4X3.3MM 5M DICHTUNG QUADRATISCH 5.1X5.1MM 10M DICHTUNG QUADRATISCH 9.5X9.5MM 5M DICHTUNG D FORM 12.7X9.5MM 5M DICHTUNG D FORM 9.5X6.4MM 5M DICHTUNG QUADRATISCH 5.1X5.1MM 5M DICHTUNG QUADRATISCH 9.5X9.5MM 10M DICHTUNG D FORM 3.6X2.5MM 10M DICHTUNG D FORM 9.5X6.4MM 10M ABSCHIRMSTREIFEN DICHTUNG RECHTWINKLIG 12.7X6.4MM 5M 诗RECHTWINKLIG 12.7X6.4MM 500 DICHTUNG D FORM 3.6X2.5MM 5M 诗D3.6X2.5MM 500 DICHTUNG RECHTWINKLIG 6.4X3.3MM 10M 诗RECHTWINKLIG 6.4X3.3MM 1000
|
TE Connectivity, Ltd. Ecliptek, Corp.
|
V23818-N15-L17 V23818-N15-L16 V23818-N15-L353 V238 |
Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 2.5 Gbit/s, 2 km, 2x10, LC Connector, collar, active data output if SD low Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 2.5 Gbit/s, 2 km, 2x10, LC Connector, with collar, AC-AC Coupling ext. Temp Transceivers by Form-factor MSA - ATM/SDH/SONET, 1300 nm, 2.5 Gbit/s, 2 km, 2x10, LC Connector, with collar, DC-DC Coupling ext. Temp Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC?/a> Connector Small Form Factor Single Mode 1300 nm Multirate up to 2.5 Gbit/s Transceiver 2x5/2x10 Pinning with LC Connector
|
Infineon Technologies AG
|
PVR2300 PVR3301 PVR3300 PVR33 |
Microelectronic Power IC 300V 2 Form A Photo Voltaic Relay in a 16-pin DIP Package 200V 2 Form A Photo Voltaic Relay in a 16-pin DIP Package TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
IRF[International Rectifier]
|
AQY210LS AQY210LSZ AQY210LSX |
PhotoMOS relay, GU (general use) type. 1-channel(form A) current limit function. AC/DC type. Output rating: load voltage 350 V, load current 120 mA. GU (General Use) Type SOP Series 1-Channel (Form A) Current Limit Function 4-Pin Type
|
Matsushita Electric Works(Nais) NAIS[Nais(Matsushita Electric Works)]
|